PART |
Description |
Maker |
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
S12NF30L STS12NF30L STS12NF30L_07 STS12NF30L07 -S1 |
30V N-Channel PowerTrench MOSFET N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
STP60NF03L06 STP60NF03L |
60 A, 30 V, 0.015 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 30V - 0.008ヘ - 60A TO-220 STripFET⑩ Power MOSFET N-channel 30V - 0.008Ω - 60A TO-220 STripFET Power MOSFET N-channel 30V - 0.008Ω - 60A TO-220 STripFET?/a> Power MOSFET
|
STMicroelectronics
|
STB80NE03L-06 STB80NE03L-06-1 STB80NE03L-06T4 |
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET⑩ POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC01; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
|